Part Number Hot Search : 
AD999207 ML3401 MIC2981 TDA91 ERB44 3006P PCF85 20N6T
Product Description
Full Text Search
 

To Download SKA150M200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type SKA Axial Leaded Aluminum Electrolytic Capacitors
85 C Extended Life General Purpose Capacitor
Type SKA is an axial leaded, 85 C, 2000 hour extended life general purpose capacitor with a high CV per case size rating. It is suitable for consumer electronic products such as radio and TV applications.
MA
SK ORY A
LL
Highlights
* * * * General purpose High CV per case size Miniature Size Available on T&R or Ammo Pack
Specifications
Capacitance Range: Voltage Range: Capacitance Tolerance: Operating Termperature Range: Dissipation Factor:
0.47 to 15,000 F 6.3 to 450 WVdc 20% -40 C to 85 C
Rated Voltage (V) 6.3 10 16 tan () 25 35 50 63 100 160 - 350 400 - 450 0.20 0.25 0.24 0.2 0.17 0.15 0.12 0.10 0.10 0.10
For capacitance >1,000 F, add .002 for every increase of 1,000 F at 120 Hz, 20 C
DC Leakage Current: 6.3 to 100 Vdc; I = .01CV or 3 A @ 5 minutes >100Vdc; I = .01CV + 100 A C = Capacitance in F V = Rated voltage I = Leakage current in A Ripple Current Multipliers:
Rated WVdc 6 to 25 35 to 100 160 to 250 60 Hz 0.85 0.80 0.75 Ripple Multipliers 120 Hz 1.0 1.0 1.0 1 kHz 1.10 1.15 1.25
Ambient Temperature Ripple Multiplier
+65 C 1.25
+75 C 1.14
+85 C 1.00
Outline Drawing
PVC Sleeve
QA Stability Test: Apply WVdc for 2,000 h at 85 C * Capacitance change 20% from initial limits * DC leakage current meets initial limits * ESR 150% of initial measured value
Temperature Characteristics
Capacitance Change Ratio
d +
1.0 20 220 F 35V 10 %C0 2200 F 25V -10 -20 -40 0 40 80 Temperature gC 120 .01 -40 0 40 80 Temperature gC 120 .5 % DF .1 .05 220 F 35V 2200 F 25V
Dissipation Factor Change
-
35 Min.
L
35 Min.
D
Case vented on diameters 6.3 and greater.
Vinyl sleeve adds .5 Max. to diameter and 2.0 Max. to length.
(Millimeters)
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type SKA Axial Leaded Aluminum Electrolytic Capacitors
Load Life Characteristics
Capacitance Change Ratio
10 %C 0 -10 -20 0 250 220 F 35V 500 750 Time In Hours 1000 2200 F 25V % DF .4 .3 .2 .1 2200 F 25V 0 250 500 750 Time In Hours 1000 1 0 250 2200 F 25V 500 750 Time In Hours 1000 220 F 35V % LC 15 10 5 220 F 35V
Leakage Current Change Dissipation Factor Change
100 50
Ratings
Max ESR Max Ripple Catalog Cap (F) 47 100 220 330 470 1,000 2,200 3,300 10,000 15,000 47 100 220 330 470 1,000 2,200 3,300 4,700 33 47 100 220 330 470 1,000 2,200 3,300 4,700 22 33 47 100 220 330 470 1,000 2,200 3,300 4,700 SKA470M6R3 SKA101M6R3 SKA221M6R3 SKA331M6R3 SKA471M6R3 SKA102M6R3 SKA222M6R3 SKA332M6R3 SKA103M6R3 SKA153M6R3 SKA470M010 SKA101M010 SKA221M010 SKA331M010 SKA471M010 SKA102M010 SKA222M010 SKA332M010 SKA472M010 SKA330M016 SKA470M016 SKA101M016 SKA221M016 SKA331M016 SKA471M016 SKA102M016 SKA222M016 SKA332M016 SKA472M016 SKA220M025 SKA330M025 SKA470M025 SKA101M025 SKA221M025 SKA331M025 SKA471M025 SKA102M025 SKA222M025 SKA332M025 SKA472M025 Part Number 120 Hz 25 C () 10.60 5.00 1.33 1.10 0.62 0.30 0.14 0.10 0.07 0.06 6.94 3.26 1.48 0.99 0.67 0.33 0.15 0.10 0.08 6.84 4.80 2.76 1.27 0.85 0.53 0.21 0.11 0.10 0.07 10.05 6.70 4.70 2.21 1.01 0.76 0.47 0.22 0.11 0.09 0.07 120 Hz 85 C (mA) 65 116 204 300 396 500 826 1020 1450 1800 75 180 204 249 400 585 920 1090 1200 60 70 125 221 350 440 680 1000 1200 1360 53 77 91 158 257 367 480 850 1200 1300 1500 5 Min. (A) 3.0 7.0 13.9 20.8 29.3 63.0 138.6 207.9 630.0 945.0 5 10 22 33 47 100 220 330 470 5.3 7.5 16.0 35.2 52.8 75.2 180.0 352.0 528.0 752.0 5.5 8.3 11.8 25.0 55.0 82.5 118.0 250.0 550.0 825.0 1175.0 D (mm) 5.0 6.0 6.3 8.0 8.0 10.0 13.0 13.0 18.0 22.0 5 6 8 8 8 10 13 13 16 6 6 6 8 8 10 10 13 16 16 6 6 6 8 8 10 10 13 16 16 18 Size Max LC Diameter Length Lead L (mm) 12.5 12.5 16.0 16.0 16.0 20.0 25.0 30.0 45.0 40.0 12.5 16.0 16.0 16.0 20.0 21.0 25.0 30.0 30.0 12.5 12.5 16.0 16.0 20.0 17.0 26.0 30.0 30.0 40.0 12.5 12.5 12.5 16.0 20.0 16.0 21.0 24.0 30.0 40.0 42.0 Wire (d) 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.8
10 22 33 47 100 220 330 470 1,000 2,200 3,300 4,700 4.7 10 22 33 47 100 220 330 470 1,000 2,200 SKA100M050 SKA220M050 SKA330M050 SKA470M050 SKA101M050 SKA221M050 SKA331M050 SKA471M050 SKA102M050 SKA222M050 SKA332M050 SKA472M050 SKA4R7M063 SKA100M063 SKA220M063 SKA330M063 SKA470M063 SKA101M063 SKA221M063 SKA331M063 SKA471M063 SKA102M063 SKA222M063 Cap (F) 10 22 33 47 100 220 330 470 1,000 2,200 3,300 4,700 SKA100M035 SKA220M035 SKA330M035 SKA470M035 SKA101M035 SKA221M035 SKA331M035 SKA471M035 SKA102M035 SKA222M035 SKA332M035 SKA472M035 Catalog Part Number 120 Hz 25 C () 17.68 8.08 5.54 3.76 1.77 0.80 0.54 0.38 0.18 0.09 0.07 0.06 14.74 6.70 4.47 3.14 1.47 0.67 0.45 0.31 0.15 0.08 0.06 0.06 31.4 14.7 6.7 4.47 3.14 1.47 0.67 0.45 0.31 0.15 0.08
RoHS Compliant
Max ESR Max Ripple 120 Hz 85 C (mA) 35 53 70 121 194 335 440 550 992 1250 1400 1600 36 58 111 130 250 388 433 650 1050 1300 1500 3305 32 51 91 111 133 247 450 550 750 1100 1400 5 Min. (A) 3.5 7.7 11.6 16.5 35.0 77.0 115.5 164.5 350.0 770.0 1155.0 1645.0 5.0 11.0 16.5 23.5 50.0 110.0 165.0 235.0 500.0 1100.0 1650.0 2350.0 3.0 6.3 13.9 20.8 29.6 63.0 138.6 207.9 296.1 630.0 1386.0 D (mm) 5 6 6 6 8 10 10 10 13 16 18 22 6 6 6 8 8 10 10 13 16 18 22 22 6 6 6 8 8 10 10 13 13 16 22 Size Max LC Diameter Length Lead L (mm) 12.5 12.5 16.0 16.0 16.0 16.0 21.0 26.0 32.0 40.0 42.0 40.0 12.5 16.0 16.0 16 20 20 25 27 30 40 40 40 12.5 12.5 16.0 16.0 16.0 17.0 25.0 27.0 32.0 40.0 40.0 Wire (d) 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.8 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.8 0.8 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.8
6.3 WVdc ( 8 Vdc Surge )
35 WVdc ( 44 Vdc Surge )
10 WVdc ( 13 Vdc Surge )
50 WVdc ( 63 Vdc Surge )
16 WVdc ( 20 Vdc Surge )
63 WVdc ( 79 Vdc Surge )
25 WVdc ( 32 Vdc Surge )
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type SKA Axial Leaded Aluminum Electrolytic Capacitors
Ratings
Max ESR Max Ripple Catalog Cap (F) 0.47 1.0 2.2 3.3 4.7 10 22 33 47 68 100 220 330 470 1,000 1.0 2.2 3.3 4.7 10 22 33 47 100 150 1.0 2.2 3.3 4.7 10 15 22 33 47 68 100 150 SKAR47M100 SKA010M100 SKA2R2M100 SKA3R3M100 SKA4R7M100 SKA100M100 SKA220M100 SKA330M100 SKA470M100 SKA680M100 SKA101M100 SKA221M100 SKA331M100 SKA471M100 SKA102M100 SKA010M160 SKA2R2M160 SKA3R3M160 SKA4R7M160 SKA100M160 SKA220M160 SKA330M160 SKA470M160 SKA101M160 SKA151M160 SKA010M200 SKA2R2M200 SKA3R3M200 SKA4R7M200 SKA100M200 SKA150M200 SKA220M200 SKA330M200 SKA470M200 SKA680M200 SKA101M200 SKA151M200 Part Number 120 Hz 25 C () 250.80 117.90 53.59 35.73 25.08 11.79 5.36 3.57 2.51 1.98 1.18 0.54 0.36 0.25 0.12 266.00 121.00 80.40 56.50 26.60 12.10 8.04 5.65 2.66 1.21 332.0 151.0 101.0 70.6 33.2 25.6 15.1 10.1 7.06 5.58 3.32 1.34 120 Hz 85 C (mA) 5 12 21 30 39 68 111 136 189 1260 350 550 700 1031 1447 13 22 31 40 63 108 144 180 270 400 17 30 40 50 80 105 140 175 215 265 340 403 5 Min. (A) 3.0 3.0 3.0 3.3 4.7 10.0 22.0 33.0 47.0 68.0 100.0 220.0 330.0 470.0 1000.0 101.6 103.5 105.3 107.5 116.0 135.2 152.8 175.2 260.0 340.0 102.5 105.5 108.3 111.7 125.0 137.5 155.0 182.5 217.5 270.0 350.0 475.0 D (mm) 5 5 6 6 6 6 8 8 10 10 10 13 16 25 22 6 6 8 8 8 10 10 13 13 16 6 8 8 8 8 10 10 10 13 13 16 16 Size Max LC Diameter Length Lead L (mm) 12.5 12.5 12.5 12.5 12.5 16.0 16.0 20.0 21.0 21.0 26.0 32.0 30.0 43.0 40.0 16 16 16 16 20 20 25 30 22 33 16 16 16 16 20 17 20 25 22 32 33 33 Wire (d) 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.8 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.8
Cap (F) 1.0 2.2 3.3 4.7 10 22 33 47 100 150 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 150 2.2 3.3 4.7 10 22 33 47 100 1.0 2.2 3.3 4.7 10 15 22 33 47 68 100 SKA010M250 SKA2R2M250 SKA3R3M250 SKA4R7M250 SKA100M250 SKA220M250 SKA330M250 SKA470M250 SKA101M250 SKA151M250 SKAR47M350 SKA010M350 SKA2R2M350 SKA3R3M350 SKA4R7M350 SKA100M350 SKA220M350 SKA330M350 SKA470M350 SKA101M350 SKA151M350 SKA2R2M400 SKA3R3M400 SKA4R7M400 SKA100M400 SKA220M400 SKA330M400 SKA470M400 SKA101M400 SKA010M450 SKA2R2M450 SKA3R3M450 SKA4R7M450 SKA100M450 SKA150M450 SKA220M450 SKA330M450 SKA470M450 SKA680M450 SKA101M450 Catalog Part Number Max ESR Max Ripple 120 Hz 25 C () 332.0 151.0 101.0 70.6 33.2 15.1 10.1 7.06 3.32 1.34 881.84 332.00 151.00 101.00 70.60 33.20 15.10 10.10 7.06 3.32 1.34 151 101 70.6 33.2 15.1 10.1 7.06 3.32 332 151 101 70.6 33.2 25.6 15.1 10.1 7.06 5.58 3.32 120 Hz 85 C (mA) 13 23 31 37 67 118 161 211 419 764 25 16 25 31 60 75 177 200 240 350 823 55 70 90 150 230 300 318 555 17 30 39 51 89 183 175 241 318 412 555 5 Min. (A) 102.5 105.5 108.3 111.7 125.0 155.0 182.5 217.5 350.0 475.0 101.6 104.0 108.0 112.0 117.0 135.0 177.0 216.0 365.0 450.0 625.0 108.8 113.2 118.8 140.0 188.0 232.0 288.0 500.0 104.5 109.9 114.9 121.2 145.0 167.5 199.0 248.5 311.5 406.0 550.0 D (mm) 6 8 8 8 10 10 13 13 16 18 8 8 8 8 10 10 13 13 16 18 20 8 10 10 10 13 16 16 20 8 8 10 10 13 13 13 16 18 18 22 Size Max LC Diameter Length Lead L (mm) 16 16 16 20 17 25 21 32 33 42 16.5 16.0 16.0 20.0 21.0 21.0 21.0 32.0 33.0 42.0 42.0 20 21 26 26 25 28 33 42 16 20 21 26 22 27 30 30 42 40 43 Wire (d) 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.6 0.8 0.8
100 WVdc ( 125 Vdc Surge )
250 WVdc ( 300 Vdc Surge )
350 WVdc ( 400 Vdc Surge )
160 WVdc ( 200 Vdc Surge )
400 WVdc ( 450 Vdc Surge )
200 WVdc ( 250 Vdc Surge )
450 WVdc ( 500 Vdc Surge )
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of SKA150M200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X